PART |
Description |
Maker |
SM20B-XSRS-ETB SM22B-XSRS-ETB SM16B-XSRS-ETB |
XSR CONNECTOR
|
JST
|
PO6-R-PC-1 PO6-A-JJ PO6-LP-196 PO6-LP-196_U PO6-LR |
RFCO-AXIAL CONNECTORS(Low-profile ultrasmall coaxial connector) RFCO同轴连接器(低台超小型同轴连接器 CONNECTOR ACCESSORY 连接器附 CABLE TERMINATED, RF CONNECTOR CABLE TERMINATED, FEMALE, RF CONNECTOR, SOLDER
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
0340620001 34062-0001 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization A, without Connector Position Assurance, Black MOLEX Connector
|
Molex Electronics Ltd.
|
0340620006 34062-0006 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization B, with Connector Position Assurance, Gray MOLEX Connector
|
Molex Electronics Ltd.
|
0340620003 |
5.00mm (.197) Pitch MX150 Cable Sealed Female Connector, Single Row, 2Circuits, Polarization C, without Connector Position Assurance, Black MOLEX Connector
|
Molex Electronics Ltd.
|
BCM0505-FEC BCE0808-FEC BCM0606-FEC BCM0404-FEC |
Fuse Holder; Leaded Process Compatible:Yes; Mounting Type:Panel Mount RoHS Compliant: Yes CONNECTOR 32MM/M32 CONDUIT CONNECTOR 20MM CONDUIT CONNECTOR 25MM 导管连接5毫米
|
Maxim Integrated Products, Inc.
|
YTW-09-09-L-Q-300-050 YTW-09-09-G-Q-300-050 YTW-09 |
36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 120 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER ROHS COMPLIANT 145 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 300 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 185 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 15 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 112 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 152 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 8 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 16 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 90 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 195 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 156 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 136 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 294 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 245 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER 164 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
54809-2798 54809-2598 54809-3398 |
0.3 FPC ZIF E/O Hsg Assy 27Ckt EmbsTpPkg 27 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT connector 25 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT Header; No. of Contacts:13; Pitch Spacing:1.25mm; No. of Rows:1; Series:53398; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 33 CONTACT(S), RIGHT ANGLE FFC/FPC CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
AD8010 AD8010AR-16 AD8010AR-16-REEL AD8010AR-REEL |
Smartcard Connector; No. of Contacts:6; Body Material:Thermosplastic; Contact Material:Tin Bronze; Contact Plating:Gold Over Nickel; Series:C707A; Operating Temperature Range /-:-40 C to 85 C; Voltage Rating:540V RoHS Compliant: Yes Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft; Features:500 Mating Cycles, PVC Jacket, IP67 Rating, E63093 Rated Connector; No. of Contacts:6 RoHS Compliant: Yes 200 MA OUTPUT CURRENT HIGH SPEED AMPLIFIER
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
|